PART |
Description |
Maker |
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MOC3011 MOC3012 MOC3009 MOC3010 |
(MOC3009 - MOC3012) NON-ZERO-CROSSING TRIACS NON-ZERO-CROSSING TRIACS 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics]
|
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MOC302X MOC3020 MOC3021 MOC3023 MOC3022 |
NON ZERO CROSSING TRIACS (MOC3020 - MOC3023) non-zero-crossing triacs
|
QT[QT Optoelectronics]
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
BTA212-800F BTA212SERIESD.EANDF BTA212SERIESDEANDF |
Three quadrant triacs guaranteed commutation(涓?薄?????‘淇??????х?) Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 800 V, 12 A, TRIAC, TO-220AB TRIAC|600V V(DRM)|12A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208-600B BTA208-600C BTA208B BTA208B-800E BTA20 |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC4DHM MAC4DHMT4 MAC4DHM-001 |
Sensitive Gate Triacs Silicon Bidirectional Thyristors From old datasheet system Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ONSEMI[ON Semiconductor]
|